Part Number Hot Search : 
TL431AA PD412211 NCP5359 NCP5359 PCK3807A P0503 SQ644 74F169SJ
Product Description
Full Text Search
 

To Download 4N36SHORT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4n35,4n36,4n37(short) 2002-09-25 1 toshiba photocoupler gaas ired & photo ? transistor 4n35(short), 4n36(short), 4n37(short) ac line / digital logic isolator. digital logic / digital logic isolator. telephone line receiver. high frequency power supply feedback control. relay contact monitor. the toshiba 4n35 (short) through 4n37 (short) consists of a gallium arsenide infrared emitting diode coupled with a silicon phototransistor in a dual in ? line package.  switching speeds: 3s (typ.)  dc current transfer ratio: 1 00% (min.)  isolation resistance: 1 0 11 ? (min.)  isolation voltage: 2500vrms (min.)  ul recognized: ul 1 577, file no. e67349 pin configurations (top view) unit in mm toshiba 11 ? 7a8 weight: 0.4 g
4n35,4n36,4n37(short) 2002-09-25 2 maximum ratings (ta = 25c) characteristic symbol rating unit forward current (continuous) i f 60 ma forward current derating ? i f /c 0.8 (*) ma / c peak forward current (note 1) i pf 3 a power dissipation p d 100 mw power dissipation derating ? p d / c 1.33 (*) mw / c led reverse voltage v r 6 v collector  emitter voltage bv ceo 30 v collector  base voltage bv cbo 70 v emitter  collector voltage bv eco 7 v collector current (continuous) i c 100 ma power dissipation p c 300 mw detector power dissipation derating ? p c / c 4.0 (*) mw / c storage temperature t stg  55~150 c operating temperature t opr  55~100 c lead soldering temperature (at 10 s) t sol 260 c total package power dissipation p t 300 mw total package power dissipation derating ? p t / c 3.3 (*) mw / c bv s 2500 vrms 4n35 2500 / 3550 4n36 1750 / 2500 coupled input to output isolation voltage (ac, 1 minute) 4n37 bv s (**) 1050 / 1500 vrms / vpk (note 1) pulse width 1s, 300pps (*) above 25 c ambient. (**) jedec registered maximum bv s , however, toshiba specifies a maxium bv s of 2500v rms , 1 minute.
4n35,4n36,4n37(short) 2002-09-25 3 electrical characteristics (ta = 25c) characteristic symbol test condition min. typ. max. unit i f = 10 ma 0.8 1.15 1.5 i f = 10 ma, ta =  55c 0.9 D 1.7 forward voltage v f i f = 10 ma, ta = 100c 0.7 D 1.4 v reverse current i r v r = 6 v D D 10 a led capacitance c d v = 0, f = 1 mhz D 30 100 pf dc forward current gain h fe v ce = 5v, i c = 500 a D 200 D D collector  emitter breakdown voltage v (br) ceo i c = 10 ma 30 D D v collector  base breakdown voltage v (br) cbo i c = 100 a 70 D D v emitter  collector breakdown voltage v (br) eco i e = 100 a 7 D D v collector dark current i ceo v ce = 10 v D 1 50 na collector dark current i ceo v ce = 30 v, ta = 100c D D 500 a detector collector  emitter capacitance c ce v = 0, f = 1 mhz D 10 D pf i f = 10 ma, v ce = 10 v 100 D D i f = 10 ma, v ce = 10 v ta =  55c 40 D D current transfer ratio i c / i f i f = 10 ma, v ce = 10 v ta = 100c 40 D D % collector  emitter saturation voltage v ce (sat) i f = 10 ma, i c = 0.5 ma D 0.1 0.3 v capacitance input to output c s v s = 0, f = 1 mhz D 0.8 2.5 pf isolation resistance r s v s = 500 v, r.h. 60 % 10 11 D D ? input to output 4n35 v io = 3550 vpk D D 100 isolation current 4n36 v io = 2500 vpk D D 100 (pulse width = 8ms) 4n37 i io v io = 1500 vpk D D 100 a turn  on time t on D 3 10 coupled turn  off time t off v cc = 10 v, i c = 2 ma r l = 100 ? D 3 10 s
4n35,4n36,4n37(short) 2002-09-25 4
4n35,4n36,4n37(short) 2002-09-25 5
4n35,4n36,4n37(short) 2002-09-25 6
4n35,4n36,4n37(short) 2002-09-25 7  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  gallium arsenide (gaas) is a substance used in the products described in this document. gaas dust and fumes are toxic. do not break, cut or pulverize the product, or use chemicals to dissolve them. when disposing of the products, follow the appropriate regulations. do not dispose of the products with other industrial waste or with domestic garbage.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ebc restrictions on product use


▲Up To Search▲   

 
Price & Availability of 4N36SHORT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X